Part Number Hot Search : 
ISL85 A5250 30639 VWS100ZK 2A225 S3230 ZMM12LA1 S5000PAL
Product Description
Full Text Search
 

To Download 2N5333 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  { } maximum ratings: (t c =25c) symbol units collector-base voltage v cbo 100 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 6.0 v continuous collector current i c 2.0 a peak collector current (t p < 0.3ms) i cm 5.0 a continuous base current i b 1.0 a power dissipation (t a =25c) p d 1.0 w operating and storage junction temperature t j , t stg -65 to +200 c thermal resistance ja 175 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i ces v ce =90v 10 a i ces v ce =50v (t c =150c) 500 a i ceo v ce =40v 50 a i ebo v eb =4.0v 1.0 a i ebo v eb =6.0v 100 a bv ceo i c =30ma 80 v v ce(sat) i c =1.0a, i b =100ma 0.45 v v ce(sat) i c =2.0a, i b =400ma 1.0 v v be(on) v ce =4.0v, i c =2.0a 1.5 v h fe v ce =4.0v, i c =1.0a 30 120 h fe v ce =4.0v, i c =2.0a 10 h fe v ce =10v, i c =1.0a, f=1khz 30 f t v ce =10v, i c =1.0a 30 mhz t on i c =1.0a, i b1 =i b2 =100ma 150 ns t off v be(off) =3.7v, r l =20 450 ns 2N5333 pnp silicon power transistor to-39 case central semiconductor corp. tm r0 (25-september 2008) description: the central semiconductor 2N5333 is a pnp silicon power transistor manufactured by the epitaxial planar process, mounted in a hermetically sealed metal case, designed for amplifier and switching applications. marking: full part number
central semiconductor corp. tm to-39 case - mechanical outline 2N5333 npn silicon power transistor r0 (25-september 2008) lead code: 1) emitter 2) base 3) collector (case) marking: full part number


▲Up To Search▲   

 
Price & Availability of 2N5333

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X